| データシートサーチシステム |
|
TLE2021MFKB データシート(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2021MFKB データシート(HTML) 39 Page - Texas Instruments |
|
39 / 79 page ![]() TLE202x, TLE202xA, TLE202xB, TLE202xY EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS SLOS191B – FEBRUARY 1997 – REVISED JANUARY 2002 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 17 IO – Output Current – mA 0 16 0 24 6 2 4 6 8 10 12 14 810 12 VOM – 14 VCC ± = ±5 V VOM + TA = 25°C TLE2024 MAXIMUM PEAK OUTPUT VOLTAGE vs OUTPUT CURRENT Figure 18 – 75 TA – Free-Air Temperature – °C 15 125 12 – 50 – 25 0 25 50 75 100 12.5 13 13.5 14 14.5 VOM – VOM + VCC ± = ±15 V TA = 25°C RL = 10 kΩ MAXIMUM PEAK OUTPUT VOLTAGE† vs FREE-AIR TEMPERATURE Figure 19 0 IOH – High-Level Output Current – mA 5 –7 0 – 1 – 2 – 3 – 4 – 5 – 6 1 2 3 4 TA = 25°C VCC = 5 V TLE2021 HIGH-LEVEL OUTPUT VOLTAGE vs HIGH-LEVEL OUTPUT CURRENT Figure 20 IOH – High-Level Output Current – mA 0 5 0 – 2 – 4 – 6 – 8 1 2 3 4 TA = 25°C VCC = 5 V – 10 TLE2022 AND TLE2024 HIGH-LEVEL OUTPUT VOLTAGE vs HIGH-LEVEL OUTPUT CURRENT † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |