| データシートサーチシステム |
|
TLE2021MFKB データシート(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2021MFKB データシート(HTML) 49 Page - Texas Instruments |
|
49 / 79 page ![]() TLE202x, TLE202xA, TLE202xB, TLE202xY EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS SLOS191B – FEBRUARY 1997 – REVISED JANUARY 2002 49 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 55 t – Time – µs 15 80 – 15 0 20 40 60 – 10 – 5 0 5 10 VCC ± = ±15 V RL = 10 kΩ CL = 30 pF TA = 25°C See Figure 1 TLE2021 VOLTAGE-FOLLOWER LARGE-SIGNAL PULSE RESPONSE Figure 56 t – Time – µs 15 80 – 15 0 20 40 60 – 10 – 5 0 5 10 VCC ± = ±15 V RL = 10 kΩ CL = 30 pF TA = 25°C See Figure 1 TLE2022 VOLTAGE-FOLLOWER LARGE-SIGNAL PULSE RESPONSE Figure 57 t – Time – µs 15 80 –15 0 20 40 60 –10 – 5 0 5 10 VCC ± = ±15 V RL = 10 kΩ CL = 30 pF TA = 25°C See Figure 1 TLE2024 VOLTAGE-FOLLOWER LARGE-SIGNAL PULSE RESPONSE Figure 58 0 0.5 10 – 0.5 1 2 3 4 5 6 7 8 9 – 0.4 – 0.3 – 0.2 – 0.1 0 0.1 0.2 0.3 0.4 t – Time – s VCC ± = ±15 V TA = 25°C PEAK-TO-PEAK EQUIVALENT INPUT NOISE VOLTAGE 0.1 TO 1 Hz |