| データシートサーチシステム |
|
MB96310 データシート(PDF) 7 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96310 データシート(HTML) 7 Page - Cypress Semiconductor |
|
7 / 82 page ![]() Document Number: 002-04592 Rev. *A Page 6 of 81 MB96310 Series 2. Block Diagram Block diagram of MB96(F)31x DMA Controller Boot ROM Peripheral Bus Bridge Peripheral Bus Bridge 16FX Core Bus (CLKB) USART 3 ch. 10-bit ADC 12 ch. I/O Timer 0 ICU 0/1 CAN Interface 1 ch. Real Time Clock Watchdog RAM Voltage Regulator SIN2, SIN2_R, SIN7_R, SIN8_R SOT2, SOT2_R, SOT7_R, SOT8_R SCK2, SCK2_R, SCK7_R, SCK8_R IN0, IN1 OUT6, OUT7 TX2 RX2 VCC VSS C I/O Timer 1 ICU 4/5/6 IN4, IN5 16FX CPU Interrupt Controller Clock & Mode Controller Flash Memory A Memory Patch Unit NMI OCU 6/7 16-bit Reload Timer 4 ch. TIN1 TOT0_R, TOT2_R TOT1, TOT3 External Interrupt INT0, INT8 ... INT13 INT2_R, INT4_R INT3_R1 INT7_R, INT10_R 16-bit PPG 14 ch. PPG0, PPG1, PPG3, PPG4 TTG0, TTG1, TTG4, TTG8, TTG9, TTG12 PPG8_R, PPG9_R, PPG16_R ... PPG19_R TTG8_R, TTG9_R, TTG16_R, TTG17_R CKOT0_R, CKOT1, CKOT1_R CKOTX1 X0, X1 X0A, X1A *1 RSTX MD0...MD2 RLT6 *1: X0A, X1A only available on devices with suffix “W” I/O Timer 2 ICU 9 I/O Timer 3 ICU 10 AVCC AVSS AVRH AN0, AN1, AN3, AN4 ADTG_R AN6 ... AN10 AN12, AN14, AN16 PPG6, PPG7, PPG12, PPG14 |