| データシートサーチシステム |
|
MB96F348CWCPMC-GSE2 データシート(PDF) 8 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CWCPMC-GSE2 データシート(HTML) 8 Page - Cypress Semiconductor |
|
8 / 109 page ![]() MB96340 Series Document Number: 002-04579 Rev. *A Page 8 of 109 2. Block Diagram Figure 1. Block diagram of MB96(F)34x Flash Memory B or Data Flash A [2] I2C 2 ch. SDA0, SDA1 SCL0, SCL1 DMA Controller Boot ROM Peripheral Bus Bridge Peripheral Bus Bridge 16FX Core Bus (CLKB) USART 7 ch. 10-bit ADC 24 ch. Alarm Comparator 2 ch. *4 16-bit Reload Timer 4 ch. I/O Timer 0 ICU 0/1/2/3 OCU 0/1/2/3 16-bit PPG 16 ch. CAN Interface 2 ch. External Interrupt Real Time Clock Watchdog RAM Voltage Regulator SIN0...SIN3, SIN2_R, SIN7_R...SIN9_R SOT0...SOT3, SOT2_R, SOT7_R...SOT9_R SCK0...SCK3, SCK2_R, SCK7_R...SCK9_R ALARM0 [4] ALARM1 [4] WOT AVCC AVSS AVRH AVRL/AVRH2 [5] AN0 ... AN23 ADTG, ADTG_R TIN0 ... TIN3 TOT0 ... TOT3 FRCK0 IN0 ... IN3 OUT0 ... OUT3 INT0 ... INT15 TX0, TX1 [3] RX0, RX1 [3] VCC VSS C PPG0 ... PPG15 TTG0 ... TTG15 I/O Timer 1 ICU 4/5/6/7 OCU 4/5/6/7 FRCK1 IN4 ... IN7 OUT4 ... OUT7 16FX CPU Interrupt Controller Clock & Mode Controller Flash Memory A Memory Patch Unit AD00 ... AD15 A16 ... A23 ALE RDX WR(L)X, WRHX HRQ HAKX RDY ECLK External Bus Interface LBX, UBX CS0 ... CS5 NMI, NMI_R [2]: Flash B only available on MB96F34xCyy, MB96F34xHyy or MB96F34xTyy INT0_R ... INT2_R INT3_R1 CKOT0, CKOT1 CKOTX0, CKOTX1 X0, X1 X0A, X1A [1] RSTX MD0...MD2 INT4_R, INT5_R INT7_R ... INT15_R [1]: X0A, X1A only available on MB96(F)34xyWy [3]: CAN interfaces are not available on MB96(F)34xAyy or MB96(F)34xCyy RLT6 Data Flash A only available on MB96F34xDyy or MB96F34xFyy CAN1 is not available on MB96F345Dyy or MB96F345Fyy [4]: Alarm comparator is not available on MB96F345Dyy or MB96F345Fyy [5]: A/D converter reference voltage switch is not available on MB96F345Dyy or MB96F345Fyy |