| データシートサーチシステム |
|
MB96F348CWCPMC-GSE2 データシート(PDF) 12 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CWCPMC-GSE2 データシート(HTML) 12 Page - Cypress Semiconductor |
|
12 / 109 page ![]() MB96340 Series Document Number: 002-04579 Rev. *A Page 12 of 109 RDY External bus External bus interface external wait state request input RSTX Core Reset input RXn CAN CAN interface n RX input SCKn USART USART n serial clock input/output SCKn_R USART Relocated USART n serial clock input/output SCLn I2C I2C interface n clock I/O input/output SDAn I2C I2C interface n serial data I/O input/output SINn USART USART n serial data input SINn_R USART Relocated USART n serial data input SOTn USART USART n serial data output SOTn_R USART Relocated USART n serial data output TINn Reload Timer Reload Timer n event input TOTn Reload Timer Reload Timer n output TTGn PPG Programmable Pulse Generator n trigger input TXn CAN CAN interface n TX output UBX External bus External Bus Interface Upper Byte select strobe output VCC Supply Power supply VSS Supply Power supply WOT RTC Real Timer clock output WRHX External bus External bus High byte write strobe output WRLX/WRX External bus External bus Low byte / Word write strobe output X0 Clock Oscillator input X0A Clock Subclock Oscillator input (only for devices with suffix "W") X1 Clock Oscillator output X1A Clock Subclock Oscillator output (only for devices with suffix "W") Table 1: Pin Function description Pin name Feature Description |