| データシートサーチシステム |
|
MB91F525DKBPMC データシート(PDF) 22 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525DKBPMC データシート(HTML) 22 Page - Cypress Semiconductor |
|
22 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 22 of 280 MB91520 Series Pin No. Pin Name Polarity I/O Circuit types*8 Function*9 64 80 100 120 144 176 - - 20 *1 23 *1 26 32 P043 - A General-purpose I/O port A13 *4, *5 - External bus/Address bit13 output (0) ICU7_1 - Input capture ch.7 input (1) TRG1_1 - PPG trigger 1 input (1) - 16 *1 21 *1 24 *1 27 33 P044 - A General-purpose I/O port A14 *3, *4, *5 - External bus/Address bit14 output (0) SCS9_0 - Serial chip select 9 I/O (0) ICU6_1 - Input capture ch.6 input (1) TRG2_1 - PPG trigger 2 input (1) 14 *1 17 *1 22 *1 25 *1 28 34 P045 - G General-purpose I/O port A15 *2, *3, *4, *5 - External bus/Address bit15 output (0) SCK9_0 - Multi-function serial ch.9 clock I/O (0) AN46 - ADC analog 46 input ICU5_1 - Input capture ch.5 input (1) TRG3_1 - PPG trigger 3 input (1) TOT1_2 - Reload timer ch.1 output (2) - - - 26 *1 29 35 P046 - A General-purpose I/O port A16 *5 - External bus/Address bit16 output (0) ICU4_1 - Input capture ch.4 input (1) TRG4_1 - PPG trigger 4 input (1) - - - - - 36 P176 - A General-purpose I/O port TRG10_0 - PPG trigger 10 input (0) 15 *1 18 *1 23 *1 27 *1 30 37 P047 - B General-purpose I/O port A17 *2, *3, *4, *5 - External bus/Address bit17 output (0) AN45 - ADC analog 45 input TRG8_0 - PPG trigger 8 input (0) TIN3_2 - Reload timer ch.3 event input (2) SOT0_1 - Multi-function serial ch.0 serial data output (1) - - - - - 38 P177 - A General-purpose I/O port TRG11_0 - PPG trigger 11 input (0) - - - 28 *1 31 39 P050 - A General-purpose I/O port A18 *5 - External bus/Address bit18 output TRG5_1 - PPG trigger 5 input (1) PPG33_0 - PPG ch.33 output (0) - - - - 32 40 P051 - A General-purpose I/O port A19 - External bus/Address bit19 output TRG9_0 - PPG trigger 9 input (0) - - - - 33 41 P052 - A General-purpose I/O port A20 - External bus/Address bit20 output PPG34_0 - PPG ch.34 output (0) INT14_0 - INT14 External interrupt input (0) |