| データシートサーチシステム |
|
MB91F525DKBPMC データシート(PDF) 27 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F525DKBPMC データシート(HTML) 27 Page - Cypress Semiconductor |
|
27 / 280 page ![]() Document Number: 002-04662 Rev. *F Page 27 of 280 MB91520 Series Pin No. Pin Name Polarity I/O Circuit types*8 Function*9 64 80 100 120 144 176 - - - - 67 83 P083 - B General-purpose I/O port SCS50_0 - Serial chip select 50 I/O (0) AN2 - ADC analog 2 input PPG3_0 - PPG ch.3 output (0) - - - - 68 84 P084 - B General-purpose I/O port SCS51_0 - Serial chip select 51 output (0) AN3 - ADC analog 3 input PPG4_0 - PPG ch.4 output (0) - - - - 69 85 P085 - A General-purpose I/O port PPG5_0 - PPG ch.5 output (0) - - 48 58 70 86 P086 - C General-purpose I/O port DAO1 - DAC analog 1 output PPG6_0 - PPG ch.6 output (0) 31 39 49 59 71 87 P087 - C General-purpose I/O port DAO0 - DAC analog 0 output PPG7_0 - PPG ch.7 output (0) INT8_0 - INT8 External interrupt input (0) - - - - - 90 P190 - A General-purpose I/O port TIN0_1 - Reload timer ch.0 event input (1) - - - - - 91 P191 - A General-purpose I/O port TIN1_1 - Reload timer ch.1 event input (1) - - - - 74 92 P090 - B General-purpose I/O port AN4 - ADC analog 4 input ICU0_0 - Input capture ch.0 input (0) TIN2_1 - Reload timer ch.2 event input (1) - - - - 75 93 P091 - B General-purpose I/O port AN5 - ADC analog 5 input PPG41_1 - PPG ch.41 output (1) ICU1_0 - Input capture ch.1 input (0) TIN3_1 - Reload timer ch.3 event input (1) - - - - 76 94 P092 - B General-purpose I/O port AN6 - ADC analog 6 input PPG40_1 - PPG ch.40 output (1) ICU2_0 - Input capture ch.2 input (0) TOT0_1 - Reload timer ch.0 output (1) - - - - - 95 P192 - A General-purpose I/O port PPG24_1 - PPG ch.24 output (1) TOT1_1 - Reload timer ch.1 output (1) |