データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RFHCS362F データシート(PDF) 16 Page - Microchip Technology

部品番号 RFHCS362F
部品情報  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362F データシート(HTML) 16 Page - Microchip Technology

Back Button RFHCS362F Datasheet HTML 12Page - Microchip Technology RFHCS362F Datasheet HTML 13Page - Microchip Technology RFHCS362F Datasheet HTML 14Page - Microchip Technology RFHCS362F Datasheet HTML 15Page - Microchip Technology RFHCS362F Datasheet HTML 16Page - Microchip Technology RFHCS362F Datasheet HTML 17Page - Microchip Technology RFHCS362F Datasheet HTML 18Page - Microchip Technology RFHCS362F Datasheet HTML 19Page - Microchip Technology RFHCS362F Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
rfHCS362G/362F
DS41189A-page 16
Preliminary
© 2002 Microchip Technology Inc.
3.1.4.4
Cyclic Redundancy Check (CRC)
The CRC bits are calculated on the 65 previously trans-
mitted bits. The decoder can use the CRC bits to check
the data integrity before processing starts. The CRC
can detect all single bit errors and 66% of double bit
errors. The CRC is computed as follows:
EQUATION 3-1:
CRC Calculation
and
with
and Din the nth transmission bit 0 ≤ n ≤ 64
CRC 1
[]
n1
+
CRC 0
[]
n
Di
n
⊕
=
CRC 0
[]
n1
+
CRC 0
[]
n
Di
n
⊕
() CRC 1
[]
n
⊕
=
CRC 1 0
,
[]
0
0
=
Warning: The CRC may be wrong when the battery
voltage is near the selected VLOW trip point.
This may happen because VLOW is sam-
pled twice each transmission, once for the
CRC calculation and once when VLOW is
transmitted. VDD tends to move slightly dur-
ing a transmission which could lead to a dif-
ferent value for VLOW being used for the
CRC calculation and the transmission.
Work around:
If the CRC is incorrect,
recalculate for the opposite value of VLOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60