データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA003T データシート(PDF) 29 Page - STMicroelectronics

部品番号 STA003T
部品情報  MPEG 2.5 LAYER III AUDIO DECODER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA003T データシート(HTML) 29 Page - STMicroelectronics

Back Button STA003T Datasheet HTML 24Page - STMicroelectronics STA003T Datasheet HTML 25Page - STMicroelectronics STA003T Datasheet HTML 26Page - STMicroelectronics STA003T Datasheet HTML 27Page - STMicroelectronics STA003T Datasheet HTML 28Page - STMicroelectronics STA003T Datasheet HTML 29Page - STMicroelectronics STA003T Datasheet HTML 30Page - STMicroelectronics STA003T Datasheet HTML 31Page - STMicroelectronics STA003T Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
SCKR(SCLK_POL=2)
SDI
SCKR(SCLK_POL=0)
t_biten
tsdi_hold
tsdi_setup
D98AU971
tsckr_min_hi
tlo
BIT_EN
t_biten
tsckr_min_hi
tsckr_min_period
5.4.2. Bitstream input interface (SDI, SCKR, BIT_EN)
tsdi_setup_min = 2ns
tsdi_hold_min = 3ns
tsckr_min_hi = 10ns
tsckr_min_low = 10ns
tsckr_min_lperiod = 50ns
t_biten (min) = 2ns
SRC_INT
D98AU972
t_src_hi
t_src_low
5.4.3. SRC_INT
This is an asynchronous input used in "broadcast’ mode.
SRC_INT is active low
t_src_low min duration is 50ns (1DSP clock period)
t_src_high min duration is 50ns (1DSP clock period)
XTI (INPUT)
XTO
CLK_OUT
txto
tclk_out
D98AU973
thi
tlo
5.4.4. XTI,XTO and CLK_OUT timings
txto = 1.40 + pad_timing (Cload_XTO) ns
RESET
D98AU974
treset_low_min
5.4.5. RESET
The Reset min duration (t_reset_low_min) is 100ns
STA003T
29/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32