| データシートサーチシステム |
|
PIC16F818-E/ML データシート(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F818-E/ML データシート(HTML) 47 Page - Microchip Technology |
|
47 / 176 page ![]() 2004 Microchip Technology Inc. DS39598E-page 45 PIC16F818/819 FIGURE 5-8: BLOCK DIAGRAM OF RB0 PIN Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. Data Latch RBPU(2) P VDD Q D CK Q D CK Q D EN Data Bus WR WR RD TRISB RD PORTB Weak Pull-up RD PORTB I/O pin(1) TTL Input Buffer TRIS Latch To INT0 or CCP PORTB TRISB |