| データシートサーチシステム |
|
PIC16F818-E/ML データシート(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F818-E/ML データシート(HTML) 53 Page - Microchip Technology |
|
53 / 176 page ![]() 2004 Microchip Technology Inc. DS39598E-page 51 PIC16F818/819 FIGURE 5-14: BLOCK DIAGRAM OF RB6 PIN Data Latch From other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR WR Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB4 pins Weak Pull-up RD PORTB Latch Q3 Q1 PORTB Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. T1CKI/PGC T1OSCEN/ICD/ From T1OSO Output TTL Input Buffer T1OSCEN TRISB Program Mode |