データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F166BQ1 データシート(PDF) 16 Page - STMicroelectronics

部品番号 ST10F166BQ1
部品情報  16-BIT MCU WITH 256K FLASH MEMORY
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F166BQ1 データシート(HTML) 16 Page - STMicroelectronics

Back Button ST10F166BQ1 Datasheet HTML 12Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 13Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 14Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 15Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 16Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 17Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 18Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 19Page - STMicroelectronics ST10F166BQ1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
16/62
ST10F166
C.P.U. (Cont’d)
The high performance offered by the hardware implementation of the CPU can effi-
ciently be used by a programmer via the highly functional ST10F166 instruction set
which includes the following instruction classes:
– Arithmetic Instructions
– Logical Instructions
– Boolean Bit Manipulation Instructions
– Compare and Loop Control Instructions
– Shift and Rotate Instructions
– Prioritize Instruction
– Data Movement Instructions
– System Stack Instructions
– Jump and Call Instructions
– Return Instructions
– System Control Instructions
– Miscellaneous Instructions
The basic instruction length is either 2 or 4 bytes. Possible operand types are bits,
bytes and words. A variety of direct, indirect or immediate addressing modes are pro-
vided to specify the required operands
Figure 6. CPU Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62