| データシートサーチシステム |
|
ST10F166BQ1 データシート(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F166BQ1 データシート(HTML) 36 Page - STMicroelectronics |
|
36 / 62 page ![]() 36/62 ST10F166 *) The system configuration is selected during reset. T0IC b FF9Ch CEh CAPCOM Timer 0 Interrupt Control Register 0000h T0REL FE54h 2Ah CAPCOM Timer 0 Reload Register 0000h T1 FE52h 29h CAPCOM Timer 1 Register 0000h T1IC b FF9Eh CFh CAPCOM Timer 1 Interrupt Control Register 0000h T1REL FE56h 2Bh CAPCOM Timer 1 Reload Register 0000h T2 FE40h 20h GPT1 Timer 2 Register 0000h T2CON b FF40h A0h GPT1 Timer 2 Control Register 0000h T2IC b FF60h B0h GPT1 Timer 2 Interrupt Control Register 0000h T3 FE42h 21h GPT1 Timer 3 Register 0000h T3CON b FF42h A1h GPT1 Timer 3 Control Register 0000h T3IC b FF62h B1h GPT1 Timer 3 Interrupt Control Register 0000h T4 FE44h 22h GPT1 Timer 4 Register 0000h T4CON b FF44h A2h GPT1 Timer 4 Control Register 0000h T4IC b FF64h B2h GPT1 Timer 4 Interrupt Control Register 0000h T5 FE46h 23h GPT2 Timer 5 Register 0000h T5CON b FF46h A3h GPT2 Timer 5 Control Register 0000h T5IC b FF66h B3h GPT2 Timer 5 Interrupt Control Register 0000h T6 FE48h 24h GPT2 Timer 6 Register 0000h T6CON b FF48h A4h GPT2 Timer 6 Control Register 0000h T6IC b FF68h B4h GPT2 Timer 6 Interrupt Control Register 0000h TFR b FFACh D6h Trap Flag Register 0000h WDT FEAEh 57h Watchdog Timer Register (read only) 0000h WDTCON FFAEh D7h Watchdog Timer Control Register 0000h ZEROS b FF1Ch 8Eh Constant Value 0’s Register (read only) 0000h Name Physical Address 8-Bit Address Description Reset Value Special Function Register Overview (Cont’d) |