データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MA710 データシート(PDF) 16 Page - Monolithic Power Systems

部品番号 MA710
部品情報  MagAlpha Communication Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA710 データシート(HTML) 16 Page - Monolithic Power Systems

Back Button MA710 Datasheet HTML 9Page - Monolithic Power Systems MA710 Datasheet HTML 10Page - Monolithic Power Systems MA710 Datasheet HTML 11Page - Monolithic Power Systems MA710 Datasheet HTML 12Page - Monolithic Power Systems MA710 Datasheet HTML 13Page - Monolithic Power Systems MA710 Datasheet HTML 14Page - Monolithic Power Systems MA710 Datasheet HTML 15Page - Monolithic Power Systems MA710 Datasheet HTML 16Page - Monolithic Power Systems MA710 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
EVKT-MACOM
– MAGALPHA COMMUNICATION KIT
EVKT-MACOM
www.MonolithicPower.com
16
3/15/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
3. Sensor Parameters
The user-configurable parameters are defined during the auto-discovery process. This process occurs
at Macom App start-up or when a disconnection/connection cycle occurs. The software discovers which
sensor generation is connected automatically and finds out which parameters are available for this
specific product (see Figure 26).
Figure 26: Macom App Sensor Parameters
A connection cycle is required after a sensor hot swap (connecting or unplugging the sensor while the
system is on) in order to re-run the auto-discovery process on the freshly connected sensor.
To perform a connection cycle, simply click on connection twice: once to disconnect the device and
again to reconnect it.
Figure 27: Macom App Connection Cycle
Sensor Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17