| データシートサーチシステム |
|
MA710 データシート(PDF) 2 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MA710 データシート(HTML) 2 Page - Monolithic Power Systems |
|
2 / 17 page ![]() EVKT-MACOM – MAGALPHA COMMUNICATION KIT EVKT-MACOM www.MonolithicPower.com 2 3/15/2017 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2017 MPS. All Rights Reserved. KIT CONTENTS See Figure 2 for a list of EVKT-MACOM communication kit contents. Figure 2: Kit Contents 1. 1x LPC-Link2 board with LPC4370 microcontroller from NXP 2. 1x TBMA-CONN board (LPC-Link2 daughterboard) 3. 1x EVMA-CONN board (LPC-Link2 daughterboard) 4. 1x USB cable (Type A to Type Mini-B) 5. 1x 16 conductors ribbon cable 6. 2x 8 conductors ribbon cable 7. 2x Würth Elektronik female SMT WR-MM 8 pin connector (690367280876) for the TBMA 1 2 3 4 5 6 7 TBMA-CONN CN1 CN2 EVMA-CONN CN1 |