| データシートサーチシステム |
|
39504 データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
39504 データシート(HTML) 4 Page - Microchip Technology |
|
4 / 16 page ![]() PIC18C Reference Manual DS39504A-page 4-4 2000 Microchip Technology Inc. Figure 4-2: General Enhanced MCU Block Diagram Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode & Control OSC1/CLKIN OSC2/CLKOUT MCLR VDD,VSS PORTA PORTB PORTC RA4 RA5 RB0/INT0 RB<7:4> RC0 RC1 RC2 RC3 RC4 RC5 RC6 RC7 Brown-out Reset Note 1: Many of the general purpose I/O pins are multiplexed with one or more peripheral module functions. The multiplexing combinations are device dependent. RA3 RA2 RA1 RA0 Timing Generation 4X PLL RB1/INT1 Data Latch Data RAM (upto4K address reach) Address Latch Address<12> 12 Bank0, F BSR FSR0 FSR1 FSR2 inc / dec logic Decode 412 4 PCH PCL PCLATH 8 31 Level Stack Program Counter PRODL PRODH 8x 8Multiply W 8 BITOP 8 8 ALU<8> 8 Address Latch Program Memory (up to 2M Bytes) Data Latch 20 21 21 16 8 8 8 Table Pointer<21> inc/dec logic 21 8 Data Bus<8> TABLELATCH 8 Instruction 12 3 ROMLATCH PORTD RB2/INT2 RB3 T1OSI T1OSO PCLATU PCU RA6 Precision Reference Bandgap Register 8 Addressable CCP’s Synchronous Timer0 Timer1 Timer2 Serial Port A/D Converter Timer3 Enhanced USART Master Other Peripherals RD0 RD1 RD2 RD3 RD4 RD5 RD6 RD7 PORTE RE0 RE1 RE2 RE3 RE4 RE5 RE6 RE7 Peripheral Modules (Note 1) CAN USB PORTx Rx0 Rx1 Rx2 Rx3 Rx4 Rx5 Rx6 Rx7 CCP’s |