| データシートサーチシステム |
|
39504 データシート(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
39504 データシート(HTML) 10 Page - Microchip Technology |
|
10 / 16 page ![]() PIC18C Reference Manual DS39504A-page 4-10 2000 Microchip Technology Inc. PORTC is a bi-directional I/O port. RC0 I/O ST RC1 I/O ST RC2 I/O ST RC3 I/O ST RC4 I/O ST RC5 I/O ST RC6 I/O ST RC7 I/O ST RD I TTL Read control for parallel slave port. (See also WR and CS pins.) PORTD is a bi-directional I/O port. RD0 I/O ST RD1 I/O ST RD2 I/O ST RD3 I/O ST RD4 I/O ST RD5 I/O ST RD6 I/O ST RD7 I/O ST PORTE is a bi-directional I/O port. RE0 I/O ST RE1 I/O ST RE2 I/O ST RE3 I/O ST RE4 I/O ST RE5 I/O ST RE6 I/O ST RE7 I/O ST PORTF is a digital input RF0 I/O ST RF1 I/O ST RF2 I/O ST RF3 I/O ST RF4 I/O ST RF5 I/O ST RF6 I/O ST RF7 I/O ST Table 4-1: I/O Descriptions (Continued) Pin Name Pin Type Buffer Type Description Legend: TTL = TTL-compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels O = output PU = Weak internal pull-up I = input Analog = Analog input or output P = Power |