データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS6200C データシート(PDF) 16 Page - ams AG

部品番号 AS6200C
部品情報  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS6200C データシート(HTML) 16 Page - ams AG

Back Button AS6200C Datasheet HTML 12Page - ams AG AS6200C Datasheet HTML 13Page - ams AG AS6200C Datasheet HTML 14Page - ams AG AS6200C Datasheet HTML 15Page - ams AG AS6200C Datasheet HTML 16Page - ams AG AS6200C Datasheet HTML 17Page - ams AG AS6200C Datasheet HTML 18Page - ams AG AS6200C Datasheet HTML 19Page - ams AG AS6200C Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Document Feedback
AS6200C
Register Description
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 16
Figure 17:
Alert Output Functionality
6.2.6
Polarity Bit
The polarity bit configures the polarity of the ALERT output. If the polarity bit is cleared, the ALERT
output is low active while it becomes high active if the polarity bit is set
to ‘1’.
Figure 18:
Polarity Bit Configuration
Polarity Bit
ALERT Output
0
Active low
1
Active high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35