| データシートサーチシステム |
|
AS6200C データシート(PDF) 31 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS6200C データシート(HTML) 31 Page - ams AG |
|
31 / 35 page ![]() Document Feedback AS6200C Application Information Datasheet • PUBLIC DS000563 • v2-01 • 2018-Apr-13 35 │ 31 7.1 External Components Figure 34: Schematic with External Components Figure 35: Values for External Components Parameter Min Max Unit Decoupling capacitor 10 nF Pull up resistors 10 15 K Ω In Figure 34 and Figure 35 the schematics and the recommended values for external components are shown. The decoupling capacitor for the supply should have a value of at least 10 nF. The pull up resistors on the serial interface and the interrupt also depend on the bus capacitance and on the clock speed. VDD Decoupling Cap VDD Slave Pull-up resistors RPU SDA VDD ADD0 SCL ALERT VSS SCL ALERT SDA |