データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL91301A データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 ISL91301A
部品情報  Triple/Quad Output Power Management IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL91301A データシート(HTML) 1 Page - Renesas Technology Corp

  ISL91301A Datasheet HTML 1Page - Renesas Technology Corp ISL91301A Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FN8966 Rev. 2.00
Page 1 of 2
Apr 6, 2018
FN8966
Rev. 2.00
Apr 6, 2018
ISL91301A, ISL91301B
Triple/Quad Output Power Management IC
DATA SHORT
To request the full datasheet, visit the ISL91301A, ISL91301B product pages.
The ISL91301A is a 4-phase, three output programmable
Power Management IC (PMIC) and the ISL91301B is a
4-phase, four output programmable PMIC. They are
optimized with highly efficient, synchronous buck
converters capable of multiphase and single-phase
operations. The devices can deliver 4A per phase
continuous output current for 2.8V to 5.5V supply
voltages or 3A per phase current for wider 2.5V to 5.5V
supply voltages. It features four buck controllers and has
the capability to reconfigure its power stages to these
controllers. This flexibility allows seamless design-in for a
wide range of applications that require high output power
and small solution size.
The ISL91301A and ISL91301B integrate low
ON-resistance MOSFETs and programmable PWM
frequency, allowing the use of very small external
inductors and capacitors. They feature automatic Diode
Emulation and Pulse Skipping modes under light-load
conditions to further improve efficiency and maximize
battery life. The ISL91301A and ISL91301B deliver a
highly robust power solution by featuring a controller
based on the Renesas proprietary R5 Technology. The
controller provides tight output accuracy and load
regulation, ultra-fast transient response, seamless
DCM/CCM transitions, and requires no external
compensation.
In addition to the standard interrupt, chip enable, and
watchdog reset functions, the ISL91301A and ISL91301B
also feature four MPIOs and two GPIOs capable of
supporting SPI, I2C communication protocol, and various
other pin mode functions.
Features
• Triple output 2+1+1 phases (ISL91301A) or quad
output single phase (ISL91301B)
• 4A per phase for the 2.8V to 5.5V supply voltage,
VIN_SEL = AVIN
• 3A per phase for the 2.5V to 5.5V supply voltage,
VIN_SEL = GND
• Small solution size (6x8mm2 for 4-phase design)
• High efficiency (93% for 3.8VIN/1.8VOUT)
•Low IQ in low power mode
• ±0.7% system accuracy, remote voltage sensing
• Programmable PWM frequency from 2MHz to 6MHz
•I2C programmable output from 0.3V to 2V
• Independent Dynamic Voltage Scaling (DVS) for each
output
• Soft-start and fault detection (UV, OV, OC, OT),
short-circuit protection
• 2.570mmx2.919mm 42 ball WLCSP with 0.4mm
pitch
Applications
• Smart phones
• Wearable devices
• Tablet PCs
•SSD
• Infotainment
Related Literature
For a full list of related documents, visit our website
• ISL91301A, ISL91301B product pages
Figure 1. Dual Phase Efficiency (VOUT = 1.8V), Load Sweep
(0.1A to 8A)
Figure 2. Single Phase Efficiency (VOUT = 1.8V), Load
Sweep (0.1A to 4A)
70
75
80
85
90
95
0.1
1
10
Load (A)
Vin = 3.0V
Vin = 3.8V
Vin = 5.5V
70
75
80
85
90
95
0.1
1
Load (A)
Vin = 3.0V
Vin = 3.8V
Vin = 5.5V


同様の部品番号 - ISL91301A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL91301A RENESAS-ISL91301A Datasheet
2Mb / 52P
Triple/Quad Output PMIC with I2C Interface
Feb 20, 2020
ISL91301A RENESAS-ISL91301A Datasheet
3Mb / 80P
Dual/Single Output Power Management IC
Feb 2, 2022
ISL91301A RENESAS-ISL91301A Datasheet
3Mb / 57P
Triple/Quad Output PMIC with SPI/I2C Interface
Mar 5, 2020
ISL91301A RENESAS-ISL91301A Datasheet
3Mb / 60P
Triple/Quad Output Power Management IC
Feb 20, 2020
ISL91301AII-H-EV1Z RENESAS-ISL91301AII-H-EV1Z Datasheet
3Mb / 60P
Triple/Quad Output Power Management IC
Feb 20, 2020
More results

同様の説明 - ISL91301A

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX1702B MAXIM-MAX1702B Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
logo
Maxim Integrated Produc...
MAX1702BETX MAXIM-MAX1702BETX Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
TRIPLE BUCK POWER MANAGEMENT IC
logo
Renesas Technology Corp
ISL91211A RENESAS-ISL91211A Datasheet
201Kb / 2P
Triple/Quad Output Power Management IC
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
logo
Renesas Technology Corp
ISL91211AIK RENESAS-ISL91211AIK Datasheet
1Mb / 54P
Triple/Quad Output Power Management IC for Industrial and Computing Applications
Feb.25.20
ISL91302B RENESAS-ISL91302B Datasheet
3Mb / 80P
Dual/Single Output Power Management IC
Feb 2, 2022
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com