データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL97686 データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 ISL97686
部品情報  4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97686 データシート(HTML) 1 Page - Renesas Technology Corp

  ISL97686 Datasheet HTML 1Page - Renesas Technology Corp ISL97686 Datasheet HTML 2Page - Renesas Technology Corp ISL97686 Datasheet HTML 3Page - Renesas Technology Corp ISL97686 Datasheet HTML 4Page - Renesas Technology Corp ISL97686 Datasheet HTML 5Page - Renesas Technology Corp ISL97686 Datasheet HTML 6Page - Renesas Technology Corp ISL97686 Datasheet HTML 7Page - Renesas Technology Corp ISL97686 Datasheet HTML 8Page - Renesas Technology Corp ISL97686 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FN7953
Rev.1.00
Sep 19, 2017
ISL97686
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
DATASHEET
FN7953 Rev.1.00
Page 1 of 22
Sep 19, 2017
The ISL97686 is a PWM controlled LED driver that supports
4 channels of LED current for monitor and TV LCD backlight
applications. It is capable of driving 160mA per channel from a
9V to 32V input supply, with current sources rated up to 75V
absolute maximum.
The ISL97686’s current sources achieve typical current
matching to ±1%, while dynamically maintaining the
minimum required VOUT necessary for regulation. This adaptive
scheme compensates for the non-uniformity of forward
voltage variance in the LED strings.
The ISL97686 dimming can be controlled by a high speed SPI
interface for independent channel control for dynamic
dimming function synthesized on chip at 10-bit resolution.
The ISL97686 has an advanced dynamic headroom control
function, which monitors the highest LED forward voltage
string, and regulates the output to the correct level to minimize
power loss. This proprietary regulation scheme also allows for
extremely linear PWM dimming from 0.02% to 100%. The LED
current can also be switched between two current levels, giving
support for 3D applications. The ISL97686 incorporates
extensive protections of string open and short circuit
detections, OVP, and OTP.
Related Literature
• For a full list of related documents, visit our website
- ISL97686 product page
Features
• 4 x 160mA, 75V rated channels with integrated channel
regulation FETs
• Channels can be ganged for high current
- 2 x 350mA
- 1 x 700mA
• 9V~32V input voltage
•Dimming modes:
- Independent channel dimming control with SPI
- PWM dimming with adjustable output frequency
- 10-bit dimming resolution
-VSYNC mode
• Two selectable current levels for 3D applications
•Current matching of ±1%
• Integrated fault protection features such as string open
circuit protection, string short circuit protection, overvoltage
protection, and over-temperature protection
• 28 Ld 5x5mm TQFN and 28 Ld 300mil SOIC packages
available
Applications
• Monitor and TV LED backlighting
• General, industrial, and automotive lighting
FIGURE 1. ISL97686 APPLICATION DIAGRAM
FIGURE 2. PWM DIMMING LINEARITY
SDO
CLK
OSC
GD
PWM_SET/PLL
EN
OVP
VIN
VLOGIC
VDC
D1
CS
CH1
CH2
CH3
CH4
CSEL
ISET2
COMP
Fuse
SDI
PGND
SLEW
VIN: 9V~32V
160mA MAX PER STRING
Q1
RSENSE
ISET1
/CS
EN_VSYNC
0
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
DIMMING DUTY CYCLE (%)
I_CH2
I_CH1
I_CH3
I_CH4


同様の部品番号 - ISL97686

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ INTERSIL-ISL97686IBZ Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ INTERSIL-ISL97686IBZ Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ-EVAL1Z INTERSIL-ISL97686IBZ-EVAL1Z Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
More results

同様の説明 - ISL97686

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97686IRTZ INTERSIL-ISL97686IRTZ Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Kinetic Technologies.
KTD2682 KINETIC-KTD2682 Datasheet
105Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2683B KINETIC-KTD2683B Datasheet
106Kb / 2P
Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2684 KINETIC-KTD2684 Datasheet
105Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2686 KINETIC-KTD2686 Datasheet
101Kb / 2P
Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2688 KINETIC-KTD2688 Datasheet
109Kb / 2P
Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com