データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMP データシート(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

部品番号 CMP
部品情報  Precision resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
ホームページ  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

CMP データシート(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  CMP Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG CMP Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG CMP Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG CMP Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 /4
ISA-PLAN® // PrecISIoN reSIStorS
cMP // SIze 2010
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 05-July-2017 // current valid issue: see www.isabellenhuette.de
Recommended solder profile
Reflow- and IR-soldering
temperature
°C
260
255
217
time
sec
peak
40
90
Tape and reel information
Specification
DIN eN 60286-3
tape width
mm
12
reel size
inch
13
Parts per reel
pcs
12500
Packaging weight
g
481
Resistance values
Tolerance
1.0
5.0
r010
r015
r020
r033
r050
r100
r250
Available standard resistance values and tolerances*
* Further values and tolerances on request
= available



Html Pages

1 2 3 4