データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMP データシート(PDF) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

部品番号 CMP
部品情報  Precision resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
ホームページ  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

CMP データシート(HTML) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

  CMP Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG CMP Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG CMP Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG CMP Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 /4
ISA-PLAN® // PrecISIoN reSIStorS
cMP // SIze 2010
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 05-July-2017 // current valid issue: see www.isabellenhuette.de
Temperature dependence of the electrical resistance
of CMP resistors
Limiting curve (minimum)
Limiting curve (maximum)
Mechanical dimensions [mm]
dr/r20 [%]
temperature [°c]
-1,5
-1,0
-0,5
0,0
0,5
1,0
1,5
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
Power derating curve
terminal temperature tK [°c]
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
70
P / P
70 °c
Type
L
W
H
A
B
cMP
5.08 ±0.2
2.54 ±0.2
0.4 ±0.15
0.7 ±0.2
0.4 ±0.15
Solder pad type l
w
a
cMP
6.0
3.0
1.25



Html Pages

1 2 3 4