| データシートサーチシステム |
|
D2SW-01L2H データシート(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
D2SW-01L2H データシート(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 6 page ![]() D2SW D2SW 132 Precautions Mounting Use two M3 mounting screws with spring washers to mount the switch. Tighten the screws to a torque of 0.23 to 0.26 N S m (2.3 to 2.7 kgf S cm). Mounting Holes 9.5 Two 2.4 dia. or M2.3 mounting holes When soldering a lead wire to a terminal of the D2SW, use a solder- ing iron with a maximum capacity of 60 W and do not take more than 5 s to solder the lead wire, otherwise the characteristics of the D2SW may be altered. Make sure that there is no icing when using the D2SW at low ambi- ent temperatures. Operations Make sure that the switching object is perfectly separated from the actuator when the switch is not operated and the actuator is pressed appropriately by the switching object when the switch is operated. The switch should be set so that its stroke will be within the rated OT when the switch is operated. Install the switching object so that its moving direction is the same as that of the actuator. Handle D2SW models with pin plungers with care so that the sealing rubber parts around the pin plungers will not be damaged. Recommended conductor size for the 0.1 A-series solder terminal is AWG26 to 18 (0.13 to 0.83 mm2). Enclosure Ratings The D2SW was tested underwater and passed the following water- tightness tests, which however, does not mean that the D2SW can be used in the water. JIS C0920 (rules for testing the watertightness of electrical devices and materials), class 7 (watertightness test). Refer to the following illustration for the test method. IEC Publication 529, class IP67. Refer to the following illustration for the test method. Note: The object to be tested is left in the water for 30 minutes on condition that the distance between the surface of the water and the top of the object be 15 cm minimum and the distance between the surface of the water and the bottom of the object be 1 m minimum. Water Left for 30 mins. Tested object 1m min. 15cm min. ALL DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527. Cat. No. C97-E1-1 Distributed by: Diamond Electronics Ltd Tel: +44(0)1477 500450 Fax: +44(0)1477 500656 Mail: sales@diamondelec.co.uk Web: www.diamondelec.co.uk |