| データシートサーチシステム |
|
D2SW-01L2H データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
D2SW-01L2H データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 6 page ![]() 127 Watertight Miniature Basic Switch D2SW A High-quality Watertight Miniature Basic Switch Conforms to IP67 Monoblock construction assures high sealing capability and is ideal for dusty places or where water is sprayed. A wide operating temperature range of –40 °C to 85 °C is ideal for any operating environment. Ideal for the automobile, agricultural machinery, automatic vending machine, refrigerator, ice- manufacturing, bath equipment, hot-water supply, air conditioner, and factory machine industries, which require highly environment-resistive capabil- ities. RC D E V Ordering Information Model Actuator 3 A 0.1A Pin plunger Solder terminals D2SW-3H D2SW-01H (see note 2) pu ge Tab terminals (#110) D2SW-3T D2SW-01T PCB terminals D2SW-3D D2SW-01D With lead wires D2SW-3M (see note 3) D2SW-01M (see note 3) Hinge lever Solder terminals D2SW-3L1H D2SW-01L1H (see note 2) geee Tab terminals (#110) D2SW-3L1T D2SW-01L1T PCB terminals D2SW-3L1D D2SW-01L1D With lead wires D2SW-3L1M (see note 3) D2SW-01L1M (see note 3) Simulated hinge lever Solder terminals D2SW-3L3H D2SW-01L3H (see note 2) S u a ed geee Tab terminals (#110) D2SW-3L3T D2SW-01L3T PCB terminals D2SW-3L3D D2SW-01L3D With lead wires D2SW-3L3M (see note 3) D2SW-01L3M (see note 3) Hinge roller lever Solder terminals D2SW-3L2H D2SW-01L2H (see note 2) ge oe ee Tab terminals (#110) D2SW-3L2T D2SW-01L2T PCB terminals D2SW-3L2D D2SW-01L2D With lead wires D2SW-3L2M (see note 3) D2SW-01L2M (see note 3) Note: 1. The standard lengths of the lead wires (AV0.5f) of models incorporating them are 30 cm. 2. EN61058-1 (IEC1058-1) approved by VDE. 3. UL/CSA approved lead-wired models use UL/CSA approved lead wire. Model name changes from D2SW- jM to D2SW-jMS. Distributed by: Diamond Electronics Ltd Tel: +44(0)1477 500450 Fax: +44(0)1477 500656 Mail: sales@diamondelec.co.uk Web: www.diamondelec.co.uk |
同様の部品番号 - D2SW-01L2H |
|
同様の説明 - D2SW-01L2H |