| データシートサーチシステム |
|
MT4LDT464H データシート(PDF) 5 Page - Micron Technology |
|
|
|||||||||||||||||||||||||||||
MT4LDT464H データシート(HTML) 5 Page - Micron Technology |
|
5 / 32 page ![]() 4, 8 Meg x 64 DRAM SODIMMs Micron Technology, Inc., reserves the right to change products or specifications without notice. DM83.p65 – Rev. 2/99 ©1999, Micron Technology, Inc. 5 4, 8 MEG x 64 DRAM SODIMMs STANDBY Returning RAS# and CAS# HIGH terminates a memory cycle and decreases chip current to a reduced standby level. Also, the chip is preconditioned for the next cycle during the RAS# HIGH time. SERIAL PRESENCE-DETECT OPERATION This module family incorporates serial presence- detect (SPD). The SPD function is implemented using a 2,048-bit EEPROM. This nonvolatile storage device contains 256 bytes. The first 128 bytes can be pro- grammed by Micron to identify the module type and various DRAM organizations and timing parameters. The remaining 128 bytes of storage are available for use by the customer. System READ/WRITE operations be- tween the master (system logic) and the slave EEPROM device (DIMM) occur via a standard IIC bus using the DIMM’s SCL (clock) and SDA (data) signals. SPD CLOCK AND DATA CONVENTIONS Data states on the SDA line can change only during SCL LOW. SDA state changes during SCL HIGH are reserved for indicating start and stop conditions (Fig- ures 1 and 2). SPD START CONDITION All commands are preceded by the start condition, which is a HIGH-to-LOW transition of SDA when SCL is HIGH. The SPD device continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition has been met. SPD STOP CONDITION All communications are terminated by a stop con- dition, which is a LOW-to-HIGH transition of SDA when SCL is HIGH. The stop condition is also used to place the SPD device into standby power mode. SPD ACKNOWLEDGE Acknowledge is a software convention used to indicate successful data transfers. The transmitting device, either master or slave, will release the bus after transmitting eight bits. During the ninth clock cycle, the receiver will pull the SDA line LOW to acknowledge that it received the eight bits of data (Figure 3). The SPD device will always respond with an ac- knowledge after recognition of a start condition and its slave address. If both the device and a WRITE Figure 3 Acknowledge Response From Receiver SCL from Master Data Output from Transmitter Data Output from Receiver 9 8 Acknowledge Figure 2 Definition of Start and Stop SCL SDA START BIT STOP BIT Figure 1 Data Validity SCL SDA DATA STABLE DATA STABLE DATA CHANGE |
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |