データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT4LDT464H データシート(PDF) 7 Page - Micron Technology

部品番号 MT4LDT464H
部品情報  SMALL-OUTLINE DRAM MODULE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICRON [Micron Technology]
ホームページ  http://www.micron.com
Logo MICRON - Micron Technology

MT4LDT464H データシート(HTML) 7 Page - Micron Technology

Back Button MT4LDT464H Datasheet HTML 3Page - Micron Technology MT4LDT464H Datasheet HTML 4Page - Micron Technology MT4LDT464H Datasheet HTML 5Page - Micron Technology MT4LDT464H Datasheet HTML 6Page - Micron Technology MT4LDT464H Datasheet HTML 7Page - Micron Technology MT4LDT464H Datasheet HTML 8Page - Micron Technology MT4LDT464H Datasheet HTML 9Page - Micron Technology MT4LDT464H Datasheet HTML 10Page - Micron Technology MT4LDT464H Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
4, 8 Meg x 64 DRAM SODIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM83.p65 – Rev. 2/99
©1999, Micron Technology, Inc.
7
4, 8 MEG x 64
DRAM SODIMMs
SERIAL PRESENCE-DETECT MATRIX
BYTE
DESCRIPTION
ENTRY (VERSION) BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
HEX
0
NUMBEROFBYTESUSEDBYMICRON
128
10000000
80
1
TOTALNUMBEROFSPDMEMORYBYTES
256
00001000
08
2
MEMORYTYPE
FASTPAGEMODE
00000001
01
EDOPAGEMODE
00000010
02
3
NUMBEROFROWADDRESSES
12
00001100
0C
4
NUMBEROFCOLUMNADDRESSES
10(32MB)
00001010
0A
11(64MB)
00001011
0B
5
NUMBEROFBANKS
1
00000001
01
6
MODULEDATAWIDTH
64
01000000
40
7
MODULEDATAWIDTH(continued)
0
00000000
00
8
MODULEVOLTAGEINTERFACELEVELS
LVTTL
00000001
01
9
RAS#ACCESSTIME(tRAC)
50ns (-5)
00110010
32
60ns (-6)
00111100
3C
10
CAS#ACCESSTIME(tCAC)
13ns (-5)
00001101
0D
15ns (-6)
00001111
0F
11
MODULECONFIGURATIONTYPE
NONPARITY
00000000
00
12
REFRESHRATE/TYPE15.6µs/NORMAL
0
0000000
00
2x - 31.25µs/SELF
10000011
03
13
DRAMWIDTH(PRIMARYDRAM)
x16(32MB)
00010000
10
x8(64MB)
00001000
08
14
ERRORCHECKINGDRAMDATAWIDTH
NONE
00000000
00
15-61
RESERVED
00000000
00
62
SPD REVISION
REV. 0
00000000
00
63
CHECKSUMFORBYTES0-62
32MB-5(EDO)
00110001
31
32MB -6 (EDO)
00111101
3D
32MB -5 (FPM)
00110000
30
32MB -6 (FPM)
00111100
3C
64MB -5 (EDO)
00101010
2A
64MB -6 (EDO)
00110110
36
64MB -5 (FPM)
00101001
29
64MB -6 (FPM)
00110101
35
64
MANUFACTURER’SJEDECIDCODE
MICRON
00101100
2C
65-71
MANUFACTURER’SJEDECCODE(CONT.)
11111111
FF
72
MANUFACTURINGLOCATION
00000001
01
00000010
02
00000011
03
00000100
04
73-90
MODULEPARTNUMBER(ASCII)
xxxxxxxx
xx
91
PCBIDENTIFICATIONCODE
1
00000001
01
2
00000010
02
3
00000011
03
4
00000100
04
92
IDENTIFICATIONCODE(CONT.)
0
00000000
00
93
YEAROFMANUFACTUREINBCD
xxxxxxxx
xx
94
WEEKOFMANUFACTUREINBCD
xxxxxxxx
xx
95-98
MODULESERIALNUMBER
xxxxxxxx
xx
99-125
MANUFACTURESPECIFICDATA(RSVD)
–––––––––
NOTE: 1. “1”/“0”: Serial Data, “driven to HIGH”/“driven to LOW.”
2. x = Variable Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com