| データシートサーチシステム |
|
TSS901EA/883 データシート(PDF) 15 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TSS901EA/883 データシート(HTML) 15 Page - ATMEL Corporation |
|
15 / 31 page ![]() 15 TSS901E Rev. C – 24-Aug-01 TCK I Test Clock. Provides an asynchronous clock for JTAG boundary scan. TMS I Test Mode Select. Used to control the test state machine. TDI I Test Data Input. Provides serial data for the boundary scan logic. TDO O/Z Test Data Output. Serial scan output of the boundary scan path. 350 RESET* I TSS901E Reset. Sets the TSS901E to a known state. This input must be asserted (low) at power-up. The minimum width of RESET low is 5 cycles of CLK10 in parallel with CLK running. CLK I External clock input to TSS901E (max. 25 Mhz). Must be derived from RAM access time. CLK10 I External clock input to TSS901E DS-links (application specific, nominal 10 Mhz). Used to generate to transmission speed and link disconnect timeout. PLLOUT O Output of internal PLL. Used to connect a network of external RC devices. VCC Power Supply GND Ground Signal Name Type Function max. output current [mA] load [pF] L tCKH tCKL |