| データシートサーチシステム |
|
WM8591GEDS/V データシート(PDF) 15 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8591GEDS/V データシート(HTML) 15 Page - Wolfson Microelectronics plc |
|
15 / 50 page ![]() Product Preview WM8591 w PP Rev 1.0 May 2005 15 ADCBCLK and DACBCLK are also generated by the WM8591. The frequency of ADCBCLK and DACBCLK can be set in software. BCLK can be set to MCLK/4, 64fs or 128fs. If DSP mode is selected as the audio interface mode then BCLK can be set to MCLK, 64fs or 128fs. Note that DSP mode cannot be used in 128fs mode for word lengths greater than 16 bits or in 192fs mode for word lengths greater than 24 bits. ZERO DETECT The WM8591 has a zero detect circuit for each DAC channel, which detects when 1024 consecutive zero samples have been input. The two zero flag outputs (ZFLAGL and ZFLAGR) may be programmed to output the zero detect signals (see Table 9) that may then be used to control external muting circuits. The ZFLAGL and ZFLAGR pins require a pull-up resistor to be connected (see external components diagram). The ZFLAGL and ZFLAGR pads will pull low to indicate that the zero condition has been detected. The polarity of the zero flag signals can be changed by setting the ZFLAGPOL bit. When this bit is set, the ZFLAGL and ZFLAGR pins will pull low when the zero condition is not found and will go to high impedance when the zero condition is detected. The zero detect may also be used to automatically enable the mute by setting IZD. The zero flag output may be disabled by setting DZFM to 00. Table 9 Zero Flag Control POWERDOWN MODES The WM8591 has powerdown control bits allowing specific parts of the WM8591 to be powered off when not being used. Control bit ADCPD powers off the ADC. The stereo DAC has a separate powerdown control bit, DACPD allowing the DAC to be powered off when not in use. Setting ADCPD and DACPD will powerdown everything except the references VMID, REFN and REFP. Setting PDWN will override all other powerdown control bits. It is recommended that ADCPD and DACPD are set before setting PDWN. The default is for all blocks to be enabled. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION Sets ADCBCLK and DACBCLK rate in master mode BCLK_RATE BCLK Output Frequency 00 MCLK/4 (MCLK in DSP Mode) 01 MCLK/4 (MCLK in DSP Mode) 10 64fs R28 (1Ch) 0011100 ADC/DAC Synchronization 3:2 BCLK_RATE 00 11 128fs REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION ZFLAG decode DZFM ZFLAGL ZFLAGR 00 Zero flag disabled Zero flag disabled 01 Left channel zero Right channel zero 10 Both channel zero Both channel zero 2:1 DZFM 10 11 Either channels zero Either channel zero ZFLAG polarity ZFLAGPOL ZFLAGL ZFLAGR 0 Pin pulls low to indicate zero conidition, high impedance otherwise R9 (09h) 0001001 DAC Mute 4 ZFLAGPOL 0 1 Pin is high impedance when zero condition detected, pulls low otherwise |