| データシートサーチシステム |
|
WM8591GEDS/V データシート(PDF) 24 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8591GEDS/V データシート(HTML) 24 Page - Wolfson Microelectronics plc |
|
24 / 50 page ![]() WM8591 Product Preview w PP Rev 1.0 May 2005 24 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R10 (0Ah) 0001010 DAC Interface Control 3 DACBCP 0 R11 (0Bh) 0001011 ADC Interface Control 3 ADCBCP 0 BCLK Polarity (DSP modes) 0 : normal BCLK polarity 1: inverted BCLK polarity The WL[1:0] bits are used to control the input word length. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R10 (0Ah) 0001010 DAC Interface Control 5:4 DACWL [1:0] 10 R11 (0Bh) 0001011 ADC Interface Control 5:4 ADCWL [1:0] 10 Word Length 00 : 16 bit data 01: 20 bit data 10: 24 bit data 11: 32 bit data Note: If 32-bit mode is selected in right justified mode, the WM8591 defaults to 24 bits. In all modes, the data is signed 2’s complement. The digital filters always input 24-bit data. If the DAC is programmed to receive 16 or 20 bit data, the WM8591 pads the unused LSBs with zeros. If the DAC is programmed into 32 bit mode, the 8 LSBs are ignored. Note: In 24 bit I 2S mode, any width of 24 bits or less is supported provided that ADCLRC/DACLRC is high for a minimum of 24 BCLKs and low for a minimum of 24 BCLKs. A number of options are available to control how data from the Digital Audio Interface is applied to the DAC. MASTER MODES Control bit ADCMS selects between audio interface Master and Slave Modes for ADC. In ADC Master mode ADCLRC and ADCBCLK are outputs and are generated by the WM8591. In Slave mode ADCLRC and ADCBCLK are inputs to WM8591. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R12 (0Ch) 0001100 Interface Control 8 ADCMS 1 Audio Interface Master/Slave Mode select for ADC: 0 : Slave Mode 1: Master Mode Control bit DACMS selects between audio interface Master and Slave Modes for the DAC. In DAC Master mode DACLRC and DACBCLK are outputs and are generated by the WM8591. In Slave mode DACLRC and DACBCLK are inputs to WM8591. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R12 (0Ch) 0001100 Interface Control 7 DACMS 0 Audio Interface Master/Slave Mode select for DAC: 0 : Slave Mode 1: Master Mode MASTER MODE ADCLRC/DACLRC FREQUENCY SELECT In ADC Master mode the WM8591 generates ADCLRC and ADCBCLK, in DAC master mode the WM8591 generates DACLRC and DACBCLK. These clocks are derived from the master clock (ADCMCLK or DACMCLK). The ratios of ADCMCLK to ADCLRC and DACMCLK to DACLRC are set by ADCRATE and DACRATE respectively. |