データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSF2C データシート(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

部品番号 DSF2C
部品情報  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
ホームページ  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DSF2C データシート(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DSF2C Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DSF2C Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. DSF2C Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.trr-jx.com
version: 02
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
1
2
Simplified outline SOD-123FL and symbol
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Superfast recovery times for high efficiency
MECHANICAL DATA
• Case: SOD-123FL
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight:15mg 0.00048oz
• Easy pick and place
Reverse Voltage – 50 to 600 V
Forward Current – 2 A
Surface Mount Superfast Rectifiers
DSF2A THRU DSF2J
Marking Code
:
-
E2A E2J
Ratings at
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductiv
acitive load, derate current by 20%.
25
°C
Absolute Maximum Ratings and Characteristics
e
load. For cap
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
Maximum Forward Voltage at 2 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at T = 125
°C
c
Typical Junction Capacitance
at V =4V, f=1MHz
R
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
T , T
j
stg
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
V
2
50
1
5
100
30
35
-55 ~ +150
A
A
V
μA
ns
°C
Symbols
Maximum Reverse Recovery Time
trr
pF
Units
50
100
150
200
300
400
600
1.25
1.70
Typical Thermal Resistance
RθJA
R
θJC
75
22
°C/W
(1)
(2)
Maximum DC Reverse Current
T = 25
°C
a
at Rated DC Blocking Voltage
T =125
°C
a
.
(2)
(1)Measured with I = 0.5 A, I = 1 A, I = 0.25 A
F
R
rr
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
DSF2A DSF2B DSF2C DSF2D DSF2F DSF2G DSF2J


同様の部品番号 - DSF2C

メーカー部品番号データシート部品情報
logo
XP Power Limited
DSF200 LV XPPOWER-DSF200 LV Datasheet
396Kb / 2P
Filter & Surge Protection
09 March 2021
DSF200-LV XPPOWER-DSF200-LV Datasheet
326Kb / 2P
Up to 28 A Output Current
logo
Dynex Semiconductor
DSF20060SF DYNEX-DSF20060SF Datasheet
47Kb / 6P
Fast Recovery Diode
DSF20060SF55 DYNEX-DSF20060SF55 Datasheet
47Kb / 6P
Fast Recovery Diode
DSF20060SF56 DYNEX-DSF20060SF56 Datasheet
47Kb / 6P
Fast Recovery Diode
More results

同様の説明 - DSF2C

メーカー部品番号データシート部品情報
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
Surface Mount Superfast Rectifiers
ES5A JUXING-ES5A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES1A JUXING-ES1A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES2AF JUXING-ES2AF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
Surface Mount Superfast Rectifiers
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com