データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSF2C データシート(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

部品番号 DSF2C
部品情報  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
ホームページ  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DSF2C データシート(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DSF2C Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DSF2C Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. DSF2C Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.trr-jx.com
version: 02
0.5
1.0
1.5
2.0
2.5
0.0
25
50
75
100
125
150
175
50 ohm
Noninductive
25Vdc
approx
+
-
D.U.T
10 ohm
Noninductive
NonInductive
1 ohm
OSCILLOSCOPE
Note 1
PULSE
GENERATOR
Note 2
Note:1. Rise Time = 7ns, max.
Input Impedance = 1megohm,22pF.
2. Ries Time =10ns, max.
Source Impedance = 50 ohms.
Fig.1 Reverse Recovery Time Characteristic And Test Circuit Diagram
-0.25
-1.0
0
+0.5
trr
10ns/div
Set time Base for 10ns/div
Fig.2 Maximum Average Forward Current Rating
Single phase half wave resistive
or inductive P.C.B mounted on
0.315×0. 315"(8.0
)
pad areas
×8.0mm
Fig.3 Typical Reverse Characteristics
20
100
60
0
0.1
1.0
10
% of PIV.VOLTS
100
40
80
300
T =25
J
°C
T =75
J
°C
T =125
J
°C
0.5
2.0
1.0
0
1.5
2.5
Fig.4 Typical
Characteristics
Forward
0.01
0.1
1.0
10
0.001
T =25
J
°C
Instaneous Forward Voltage (V)
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
10
20
30
40
50
60
00
Characteristic Curves (TA=25 ℃ unless otherwise noted)
DSF1A-DSF1D
DSF1F-DSF1G
DSF1J
Surface Mount Superfast Rectifiers
Case Temperature (
°C)
DSF2A THRU DSF2J



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com