データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9577BCPZ-R7 データシート(PDF) 26 Page - Analog Devices

部品番号 AD9577BCPZ-R7
部品情報  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 データシート(HTML) 26 Page - Analog Devices

Back Button AD9577BCPZ-R7 Datasheet HTML 22Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 23Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 24Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 25Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 26Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 27Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 28Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 29Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 26 of 44
Therefore, to accurately estimate the TJ p-p, separate
measurements of the rms value of the random jitter (RJ rms)
and the peak-to-peak value of the deterministic jitter (DJ p-p)
must be taken. To measure the RJ rms of the clock signal,
integrate the clock phase noise over the desired bandwidth, with
spurs disabled (that is, removed) from the measurement. If the
DJ spurs were included in the measurement, the DJ
contribution would also be multiplied by 14.06 in Equation 2,
leading to a grossly pessimistic estimate of the total jitter. This is
why it is important to measure the integrated jitter with spurs
disabled. Due to the 14.06 factor in Equation 2, the spurious DJ
components on the clock output only have a small impact on
the TJ p-p measurement and, consequently, the system BER
performance. Therefore, it is clear that the DJ component (that
is, the spur) should not be added to the rms value of the random
jitter directly. However, if the phase noise jitter measurement
was preformed with spurs enabled, this is exactly what the
measurement would be reporting. For more background
information, see Fibre Channel, Methodologies for Jitter and
Signal Quality Specification-MJSQ, Rev. 14, June 9, 2004.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44