データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3906 データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 2N3906
部品情報  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3906 データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N3906 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3906 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
2N3906
DESCRIPTION
·
Low voltage( max .40V )
·
Low current ( max .200mA )
·
NPN complement to Type 2N3904.
APPLICATIONS
·
Designed for high-speed switching
·
Amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-a
thermal resistance from junction to ambient
250
K/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-40
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-200
mA
ICM
Collector Current-Peak
-300
mA
IBM
Peak base current
-100
mA
Ptot
Total Power Dissipation
-500
mW
TJ
Junction Temperature
-65~150
℃
Tstg
Storage Temperature
-65~150
℃


同様の部品番号 - 2N3906

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2N3906 ONSEMI-2N3906 Datasheet
145Kb / 6P
General Purpose Transistors(PNP Silicon)
1996 REV 2
logo
NXP Semiconductors
2N3906 PHILIPS-2N3906 Datasheet
46Kb / 8P
PNP switching transistor
1999 Apr 23
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
PNP SMALL SIGNAL TRANSISTOR
logo
Rohm
2N3906 ROHM-2N3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Semtech Corporation
2N3906 SEMTECH-2N3906 Datasheet
171Kb / 3P
NPN Silicon Expitaxial Planar Transistor for switching and amplifier applications?
More results

同様の説明 - 2N3906

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com