| データシートサーチシステム |
|
V680-HS52-R-12.5M データシート(PDF) 30 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS52-R-12.5M データシート(HTML) 30 Page - Omron Electronics LLC |
|
30 / 59 page ![]() V680 Series 30 Characteristic Data (for Reference Only) Communication range (for Reference Only) (unit: mm) ID Controller (using the V680-CA5D0 @-V2, CJ1W-V680C11/C12, or CS1W-V680-C11/C12) 1-kbyte Memory RF Tag The values given for communications ranges are reference values. Refer to pages 16 to 18, 23 for communications distance specifications. The communications distance will depend on the RF Tags, ambient temperature, surrounding metal, noise, and other factors. Test operation completely when installing a system. V680-HS52 (embedded in non-metallic material) & V680-D1KP52MT (embedded in non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D1KP52MT (embedded in metallic surface: steel) V680-HS51 (embedded in metallic material) & V680-D1KP52MT (embedded in non-metallic material) V680-HS51 (embedded in metallic material) & V680-D1KP52MT (embedded in metallic surface: steel) V680-HS63 (mounted on non-metallic material) & V680-D1KP52MT (embedded in non-metallic material) V680-HS51 (embedded in metallic material) & V680-D1KP53M (embedded in non-metallic material) V680-HS51 (embedded in metallic material) & V680-D1KP53M (embedded in metallic surface: steel) V680-HS52 (embedded in non-metallic material) & V680-D1KP53M (embedded in non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D1KP53M (embedded in metallic surface: steel) 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 Y 10 X Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write |