| データシートサーチシステム |
|
V680-HS52-R-12.5M データシート(PDF) 36 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS52-R-12.5M データシート(HTML) 36 Page - Omron Electronics LLC |
|
36 / 59 page ![]() V680 Series 36 V680-HS65 (mounted on metallic material) &V680S-D8KF67 V680-H01-V2 (mounted on non-metallic material) &V680S-D8KF67 V680-HS52 (embedded in non-metallic material) & V680S-D8KF67M (mounted on metallic surface: steel) V680-HS63 (mounted on non-metallic material) & V680S-D8KF67M (mounted on metallic surface: steel) V680-HS65 (mounted in metal) & V680S-D8KF67M (mounted on metallic surface: steel) V680-HS63 (mounted on non-metallic material) & V680S-D8KF68 (Tag direction: Horizontal) V680-HS63 (mounted on non-metallic material) & V680S-D8KF68 (Tag direction: Vertical) V680-HS65 (mounted on metallic material) & V680S-D8KF68 (Tag direction: Horizontal) V680-HS65 (mounted on metallic material) & V680S-D8KF68 (Tag direction: Vertical) 50 100 150 200 Y -250 -200 -150 -100 -50 0 50 100 150 200 X Y X • Read/Write 50 100 150 200 Y -250 -200 -150 -100 -50 0 50 100 150 200 X Y X • Read/Write 20 30 10 Y -40 -30 -20 -10 10 20 30 X 0 Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 50 100 150 200 Y -250 -200 -150 -100 -50 0 50 100 150 200 X Y X • Read/Write 50 100 150 200 Y -250 -200 -150 -100 -50 0 50 100 150 200 X Y X • Read/Write |