| データシートサーチシステム |
|
V680-HS63-R データシート(PDF) 28 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS63-R データシート(HTML) 28 Page - Omron Electronics LLC |
|
28 / 59 page ![]() V680 Series 28 RF Tag (8-kbyte Memory) Communication Recommended combination Function Communication range (unit: mm) RF Tag and Antenna mounting conditions RF Tag Reader Writer V680S-D8KF67 V680-HS52 Read distance 1.0 to 17.0 (axis offset ±2) Write distance 1.0 to 17.0 (axis offset ±2) V680-HS63 Read distance 7.0 to 30.0 (axis offset ±10) Write distance 7.0 to 30.0 (axis offset ±10) V680-HS65 Read distance 5.0 to 42.0 (axis offset ±10) Write distance 5.0 to 42.0 (axis offset ±10) V680S-D8KF67M (flush-mounted on metallic surface: steel) V680-HS52 Read distance 1.0 to 16.0 (axis offset ±2) Write distance 1.0 to 16.0 (axis offset ±2) V680-HS63 Read distance 6.0 to 25.0 (axis offset ±10) Write distance 6.0 to 25.0 (axis offset ±10) V680-HS65 Read distance 5.0 to 25.0 (axis offset ±10) Write distance 5.0 to 25.0 (axis offset ±10) V680S-D8KF68 V680-HS63 Read distance 5.0 to 45.0 (axis offset ±10) Write distance 5.0 to 45.0 (axis offset ±10) V680-HS65 Read distance 5.0 to 75.0 (axis offset ±10) Write distance 5.0 to 75.0 (axis offset ±10) V680- HS52 V680S-D8KF67 Non-metallic Resin, plastic, wood, etc. Non-metallic V680-HS63 V680S- D8KF67 Non-metallic Resin, plastic, wood, etc. Non-metallic V680-HS65 V680S-D8KF67 Non-metallic Resin, plastic, wood, etc. Metallic V680- HS52 V680S-D8KF67M Non-metallic Metallic V680-HS65 V680S- D8KF67M Non-metallic Metallic V680-HS65 V680S- D8KF67M Metallic Metallic V680-HS63 V680S-D8KF68 Non-metallic Resin, plastic, wood, etc. Non-metallic Resin, plastic, wood, etc. V680S- D8KF68 V680-HS65 Non-metallic Resin, plastic, wood, etc. Metallic |