| データシートサーチシステム |
|
V680-HS63-R データシート(PDF) 39 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS63-R データシート(HTML) 39 Page - Omron Electronics LLC |
|
39 / 59 page ![]() 39 V680 Series 1-kbyte Memory Bolt RF Tags 2-kbyte Memory RF Tag The values given for communications ranges are reference values. Refer to pages 26 to 27, 29 for communications distance specifications. For information on the combinations that can be used, refer to Combinations of Amplifier Units, Antennas, and RF Tags on pages 2 to 3. The communications distance will depend on the RF Tags, ambient temperature, surrounding metal, noise, and other factors. Test operation completely when installing a system. V680-HS65 (mounted on metallic material) & V680-D1KP66T-SP (mounted on non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D1KP66MT (mounted on metallic surface: steel) V680-HS63 (mounted on non-metallic material) & V680-D1KP66MT (mounted on metallic surface: steel) V680-HS65 (mounted on metallic material) & V680-D1K66MT (mounted on metallic surface: steel) V680-HS51 (embedded in metallic material) & V680-D1KP52M-BT01 (mounted in metal/non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D1KP52M-BT01 (mounted in metal/non-metallic material) V680-HS63 (mounted on non-metallic material) & V680S-D2KF67 (mounted on non-metallic material) V680-HS65 (mounted on metallic material) & V680S-D2KF67 (mounted on non-metallic material) V680-HS52 (embedded in non-metallic material) & V680S-D2KF67M (mounted on metallic surface: steel) V680-HS63 (mounted on non-metallic material) & V680S-D2KF67M (mounted on metallic surface: steel) 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y Read Write 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 40 60 80 20 100 Y Y X Read Write 50 100 150 200 Y Y X –250 –200 –150 –100 –50 0 50 100 150 200 X 0 –30 –40 –20 –10 10 20 30 X Read Write 20 30 10 Y Y X 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 40 60 80 20 100 Y Y X |