| データシートサーチシステム |
|
LPC47M192 データシート(PDF) 52 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M192 データシート(HTML) 52 Page - SMSC Corporation |
|
52 / 228 page ![]() SMSC DS – LPC47M192 Page 52 Rev. 03/30/05 DATASHEET SPECIFY DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 0 0 1 1 Command Codes W SRT HUT W HLT ND SENSE DRIVE STATUS DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 0 1 0 0 Command Codes W 0 0 0 0 0 HDS DS1 DS0 Result R ST3 Status information about FDD SEEK DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 1 1 1 1 Command Codes W 0 0 0 0 0 HDS DS1 DS0 W NCN Execution Head positioned over proper cylinder on diskette. CONFIGURE DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 1 0 0 1 1 Configure Information W 0 0 0 0 0 0 0 0 W 0 EIS EFIFO POLL FIFOTHR Execution W PRETRK RELATIVE SEEK DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 1 DIR 0 0 1 1 1 1 W 0 0 0 0 0 HDS DS1 DS0 W RCN DUMPREG DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 1 1 1 0 *Note: Registers placed in FIFO Execution Result R PCN-Drive 0 R PCN-Drive 1 R PCN-Drive 2 R PCN-Drive 3 |