| データシートサーチシステム |
|
NET2890 データシート(PDF) 56 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
NET2890 データシート(HTML) 56 Page - List of Unclassifed Manufacturers |
|
56 / 73 page ![]() Specification NET2890 USB Interface Controller ____________________________________________________________________________________ NetChip Technology, Inc., 1999 335 Pioneer Way, Mountain View, California 94041 TEL (650) 526-1490 FAX (650) 526-1494 http://www.netchip.com Rev 2.0, Draft 9, July 16, 1999 56 6. Standard Device Requests Standard device requests must be supported by Endpoint 0. See also chapter 9, USB specification. The local bus CPU decodes the setup packets for Endpoint 0 and generates a response based on the following tables. Table 6-1: Standard Request Codes bRequest Value Get_Status 0 Clear_Feature 1 Reserved 2 Set_Feature 3 Reserved 4 Set_Address 5 Get_Descriptor 6 Set_Descriptor 7 Get_Configuration 8 Set_Configuration 9 Get_Interface Ah Set_Interface Bh Synch_Frame Ch Table 6-2. Descriptor Types Descriptor Types Value Device 1 Configuration 2 String 3 Interface 4 Endpoint 5 |