| データシートサーチシステム |
|
UM0144 データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0144 データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 92 page ![]() ST7 Assembler Linker UM0144 67/92 A.40 MEND A.41 MOTOROLA Purpose: End of macro definition. Format: MEND Description: End of macro definition. Example: See Also: MACRO Purpose: Force Motorola-style radix specifier. Format: MOTOROLA Description: The Motorola style: $AB Hexadecimal ~17 Octal %100 Binary 17 Decimal (default) * Current program counter This directive forces the Motorola format to be required during the assembly. The default format is MOTOROLA. Example: See Also: INTEL, TEXAS, ZILOG cmp16 MACRO first,second,result LOCAL trylow ld A,first add A,second cp A,#0 jreq trylow cpl A trylow ld result,A MEND MOTOROLA ld X,$FFFF |