データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0144 データシート(PDF) 39 Page - STMicroelectronics

部品番号 UM0144
部品情報  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 データシート(HTML) 39 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 35Page - STMicroelectronics UM0144 Datasheet HTML 36Page - STMicroelectronics UM0144 Datasheet HTML 37Page - STMicroelectronics UM0144 Datasheet HTML 38Page - STMicroelectronics UM0144 Datasheet HTML 39Page - STMicroelectronics UM0144 Datasheet HTML 40Page - STMicroelectronics UM0144 Datasheet HTML 41Page - STMicroelectronics UM0144 Datasheet HTML 42Page - STMicroelectronics UM0144 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
ST7 Assembler Linker
4 Linker
UM0144
39/92
each routine. Put another way, each link must have entry fixed points to all its routine, otherwise re-linking
one 'lump' of a program could make references to its addresses in other modules out of date.
4.5
The linker in more detail
4.5.1
The composition of the .OBJ files
The .OBJ files produced by the assembler contain an enormous amount of overhead, mostly as coded
expressions describing exactly what needs to go into the 'blank spaces' the assembler has been so liberal
with. The linker contains a full arithmetic parser for 'working out' complex expressions that include external
labels: This means (unlike most other assemblers) there are few restrictions on where external labels may
appear.
The assembler also includes line-number information with the .OBJ file, connecting each piece of
generated object code with a line number from a given source file.
OBJ
files also contain 'special' markers for handling SKIP and DATE type directive.
4.5.2
The composition of the .COD files
.COD
files, on the other hand, contain very little overhead; there are six bytes per segment that describe
the start address and length of that segment. Besides that, the rest of the code is in its final form. A
segment of zero length marks the end of the file. It only remains for OBSEND to take the code segment by
segment and send it on to its destination.
4.5.3
Reading a mapfile listing
The linker also generates files with the suffix .SYM and .MAP in addition to the .COD file we have already
discussed. The .SYM file contains a compact symbol table list suitable with the debuggers and simulators.
The .MAP file listing shows three important things: a table of segments with their absolute address, a table
of all classes in the program, and a list of all external labels with their true values, modules they were
defined in and size.
Here is an example MAPFILE, where one of the class, ROM, has gone past its limit, overwriting (or more
correctly, having part of itself overwritten by) VECTORS.
The [void] on some segments in the segment list says that these segments were not used to create
object code, but were used for non-coding-creating tasks such as allocating label values with ds.b etc.
The number in straight brackets on the segment as true address list shows how many segments 'into' the
module this segment is, i.e., the 1st, 2nd etc. of the given module. The first x-y shows the range of
addresses. The def (line) field on the external labels list shows the source code file and line number
that his label was defined in. The number at the start of each class list line is the cod-file that the class
contents were sent to (default is 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92