データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SCD1284 データシート(PDF) 14 Page - Intel Corporation

部品番号 SCD1284
部品情報  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 データシート(HTML) 14 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 10Page - Intel Corporation SCD1284 Datasheet HTML 11Page - Intel Corporation SCD1284 Datasheet HTML 12Page - Intel Corporation SCD1284 Datasheet HTML 13Page - Intel Corporation SCD1284 Datasheet HTML 14Page - Intel Corporation SCD1284 Datasheet HTML 15Page - Intel Corporation SCD1284 Datasheet HTML 16Page - Intel Corporation SCD1284 Datasheet HTML 17Page - Intel Corporation SCD1284 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
14
Datasheet
Figure 2. CD1284 Sample System Block Diagram
CD1284
ROM
RAM
ADDRESS BUS
DATA BUS
LASER
PRINTER
CONSOLE
CONTROL
PROCESSOR
IEEE 1284
PARALLEL CHANNEL
HIGH-SPEED
SERIAL CHANNEL #1
(RS-232, INFRARED)
HIGH-SPEED
SERIAL CHANNEL #2
GP I/O:
INTERNAL STATUS
AND CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More