データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SCD1284 データシート(PDF) 30 Page - Intel Corporation

部品番号 SCD1284
部品情報  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 データシート(HTML) 30 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 26Page - Intel Corporation SCD1284 Datasheet HTML 27Page - Intel Corporation SCD1284 Datasheet HTML 28Page - Intel Corporation SCD1284 Datasheet HTML 29Page - Intel Corporation SCD1284 Datasheet HTML 30Page - Intel Corporation SCD1284 Datasheet HTML 31Page - Intel Corporation SCD1284 Datasheet HTML 32Page - Intel Corporation SCD1284 Datasheet HTML 33Page - Intel Corporation SCD1284 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
30
Datasheet
SCR
√
(RevRequest)
SPR
√
SSR
√√
ZDR
√
NOTE:
1. Items in parentheses ( ) denote Operational mode.
Table 13. Channel Registers — Parallel Port
(Selected by Channel 0 in CAR) (Sheet 2 of 2)
Name
Reset
Parallel Init
Parallel Tx
Parallel Rx
Parallel Error
Parallel Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More