| データシートサーチシステム |
|
LT1942 データシート(PDF) 1 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1942 データシート(HTML) 1 Page - Linear Technology |
|
1 / 16 page ![]() LT1942 1 1942fa , LTC and LT are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. The LT ®1942 is a highly integrated quad switching regu- lator designed to provide all necessary power supply functions for TFT displays, including the white LED backlight driver. The TFT supply incorporates two boost and one inverting DC/DC converters. The TFT supply output voltages are independently set, unlike charge pump solutions which have many limitations. Power sequencing for the TFT supply is built into the part and is user programmable. The LED driver is a boost DC/DC converter that can be independently controlled. The LED driver has built-in dimming control for precise control of LED current. An 8:1 dimming range is achieved by adjusting the CTRL4 voltage.The user can elect to drive a single string or two strings of LEDs. An LED ballast circuit is included to precisely match the LED currents if two strings of LEDs are used. Soft-start is built into the LED driver as well as the primary TFT supply. The LT1942 is available in a low profile (0.75mm) 24-lead QFN (4mm × 4mm) package. ■ Triple Output TFT Supply with Built-In Power Sequencing ■ Integrated White LED Backlight Driver ■ Integrated Schottky Diodes ■ Active Ballast Circuitry Ensures Precise Current Matching in White LEDs ■ Low Noise 1MHz Fixed Frequency Operation ■ 2.6V to 16V Input Voltage Range ■ Soft-Start Limits Inrush Current ■ TFT Supply Output Voltages Independently Set (Not Charge Pump Derived) ■ Power Good and Output Disconnect for TFT Supply ■ Built-In LED Dimming Capability ■ Open LED Protection for LED Driver ■ 24-Lead QFN Package (4mm × 4mm) Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver ■ Poly-Silicon TFT Displays ■ Amorphous Silicon TFT Displays CTRL4 SGND/ AGND D3 SW3 LT1942 SW1 FB1 PGND14 PGOOD SW4 D4 LED1 LED2 FB4 FB3 PGND23 VOUT3 NFB2 D2 SW2 0.1 µF 0.22 µF 47 µH VIN 47 µH SHDN VCC SS1 SS4 CT 22 µH 22 µH CMDSH-3 Si2301BDS 33 µH 301k 1M 100k VIN 4.7pF 0.1 µF 0.1 µF 0.1 µF 1942 TA01 0.22 µF 0.22 µF SHUTDOWN LED CONTROL AVDD 5V 40mA 4.7 µF 4.7 µF 698k 100k 10k VIN 3V TO 4.2V VON 10V 2mA VOFF –10V 2mA 665k 4.99 Ω 20mA 20mA TFT Bias and White LED Backlight Power Supply APPLICATIO S DESCRIPTIO FEATURES |
同様の部品番号 - LT1942 |
|
同様の説明 - LT1942 |