| データシートサーチシステム |
|
LT1942 データシート(PDF) 5 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1942 データシート(HTML) 5 Page - Linear Technology |
|
5 / 16 page ![]() LT1942 5 1942fa TYPICAL PERFOR A CE CHARACTERISTICS FB4 Voltage VFB4 vs CTRL4 Oscillator Frequency TEMPERATURE ( °C) –40 190 192 196 198 200 210 204 0 40 60 1942 G04 194 206 208 202 –20 20 80 100 CTRL4 (V) 0 0 50 100 150 200 300 0.5 1 1.5 2 1942 G05 2.5 3 250 TA = –40°C TA = 85°C TA = 25°C TEMPERATURE ( °C) –40 1000 1100 1200 20 60 1942 G06 900 800 –20 0 40 80 100 700 600 Quiescent Current CT Timer Delay Time SW1 Saturation Voltage TEMPERATURE ( °C) –40 5.0 5.5 6.5 7.0 7.5 10.0 8.5 0 40 60 1942 G07 6.0 9.0 9.5 8.0 –20 20 80 100 TEMPERATURE ( °C) –40 0 1 3 4 5 10 7 0 40 60 1942 G08 2 8 9 6 –20 20 80 100 CT = 0.1µF SW1 CURRENT (mA) 0 0 100 200 300 400 50 100 200 150 175 1942 G09 500 600 25 75 125 TA = 25°C SW3 Saturation Voltage SW2 Saturation Voltage SW4 Saturation Voltage SW3 CURRENT (mA) 0 150 200 250 30 50 1942 G10 100 50 0 10 20 40 300 350 400 60 TA = 25°C SW2 CURRENT (mA) 0 150 200 250 30 50 1942 G10 100 50 0 10 20 40 300 350 400 60 TA = 25°C SW4 CURRENT (mA) 0 300 400 500 300 700 1942 G12 200 100 0 100 200 500 600 400 600 700 800 800 TA = 25°C |