| データシートサーチシステム |
|
LTC3780 データシート(PDF) 8 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3780 データシート(HTML) 8 Page - Linear Technology |
|
8 / 28 page ![]() 8 LTC3780 3780f Load Step Line Transient Line Transient VOUT 500mV/DIV 200µs/DIV VIN = 18V VOUT = 12V LOAD STEP: 0A TO 5A CONTINUOUS MODE 3780 G27 IL 5A/DIV VOUT 500mV/DIV 200µs/DIV VIN = 12V VOUT = 12V LOAD STEP: 0A TO 5A CONTINUOUS MODE 3780 G28 IL 5A/DIV VOUT 500mV/DIV 200µs/DIV VIN = 6V VOUT = 12V LOAD STEP: 0A TO 5A CONTINUOUS MODE 3780 G29 IL 5A/DIV Load Step Load Step VOUT 500mV/DIV VIN 10V/DIV 500µs/DIV VOUT = 12V ILOAD = 1A VIN STEP: 7V TO 20V CONTINUOUS MODE 3780 G30 IL 1A/DIV VOUT 500mV/DIV VIN 10V/DIV 500µs/DIV VOUT = 12V ILOAD = 1A VIN STEP: 20V TO 7V CONTINUOUS MODE 3780 G31 IL 1A/DIV PI FU CTIO S (SSOP/QFN) PGOOD (Pin 1/Pin 30): Open-Drain Logic Output. PGOOD is pulled to ground when the output voltage is not within ±7.5% of the regulation point. SS (Pin 2/Pin 31): Soft-start reduces the input power sources’ surge currents by gradually increasing the controller’s current limit. A minimum value of 6.8nF is recommended on this pin. SENSE+ (Pin 3/Pin 1): The (+) Input to the Current Sense and Reverse Current Detect Comparators. The ITH pin voltage and built-in offsets between SENSE– and SENSE+ pins, in conjunction with RSENSE, set the current trip threshold. SENSE– (Pin 4/Pin 2): The (–) Input to the Current Sense and Reverse Current Detect Comparators. ITH(Pin 5/Pin 3): Current Control Threshold and Error Am- plifier Compensation Point. The current comparator thresh- old increases with this control voltage. The voltage ranges from 0V to 2.4V. TYPICAL PERFOR A CE CHARACTERISTICS T A = 25°C unless otherwise noted. |