データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC3780 データシート(PDF) 21 Page - Linear Technology

部品番号 LTC3780
部品情報  High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC3780 データシート(HTML) 21 Page - Linear Technology

Back Button LTC3780 Datasheet HTML 17Page - Linear Technology LTC3780 Datasheet HTML 18Page - Linear Technology LTC3780 Datasheet HTML 19Page - Linear Technology LTC3780 Datasheet HTML 20Page - Linear Technology LTC3780 Datasheet HTML 21Page - Linear Technology LTC3780 Datasheet HTML 22Page - Linear Technology LTC3780 Datasheet HTML 23Page - Linear Technology LTC3780 Datasheet HTML 24Page - Linear Technology LTC3780 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC3780
3780f
The Standby Mode (STBYMD) Pin Function
The Standby mode (STBYMD) pin provides several choices
for start-up and standby operational modes. If the pin is
pulled to ground, the SS pin is internally pulled to ground,
preventing start-up and thereby providing a single control
pin for turning off the controller. If the pin is left open or
decoupled with a capacitor to ground, the SS pin is
internally provided with a starting current, permitting
external control for turning on the controller. If the pin is
connected to a voltage greater than 1.25V, the internal
regulator (INTVCC) will be on even when the controller is
shut down (RUN pin voltage < 1.5V). In this mode, the
onboard 6V linear regulator can provide power to keep-
alive functions such as a keyboard controller.
FCB Pin Regulates Secondary Winding in Buck Mode
In Buck mode, the FCB pin can be used to regulate a
secondary winding or as a logic level input. Continuous
operation is forced when the FCB pin drops below 0.8V.
During continuous mode, current flows continuously in
the transformer primary. The secondary winding(s) draw
current only when Switch B and Switch D are on in Buck
mode. When primary load currents are low and/or the
VIN/VOUT ratio is low, the Synchronous Switch B may not
be on for a sufficient amount of time to transfer power
from the output capacitor to the secondary load. Forced
continuous operation will support secondary windings if
there is sufficient synchronous switch duty factor. Thus,
the FCB input pin removes the requirement that power
must be drawn from the auxiliary windings. With the loop
in continuous mode, the auxiliary outputs may nominally
be loaded without regard to the primary output load.
The secondary output voltage VSEC is normally set as
shown in Figure 10 by turns ratio N of the transformer:
VSEC ≈ (N + 1) • VOUT
However, if the controller goes into Burst Mode operation
and halts switching due to a light primary load current,
then VSEC will drop. An external resistive divider from VSEC
to the FCB pin sets a minimum voltage VSEC(MIN):
V
R
R
SEC MIN
()
.•
≈
+
⎛
⎝
⎜
⎞
⎠
⎟
08
1
6
5
If the VSEC drops below this level, the FCB voltage forces
temporary continuous switching operation until VSEC is
again above its minimum.
In order to prevent erratic operation if no external connec-
tions are made to FCB pin, the FCB pin has a 0.18µA
internal current source pulling the pin high. Include this
current when choosing resistor values R5 and R6.
Fault Conditions: Current Limit and Current Foldback
The maximum inductor current is inherently limited in a
current mode controller by the maximum sense voltage. In
Boost mode, maximum sense voltage and the sense
resistance determines the maximum allowed inductor
peak current, which is:
I
mV
R
L MAX BOOST
SENSE
(,
) =
160
APPLICATIO S I FOR ATIO
A
TG2
BG2
SW1
TG1
COUT
R6
R5
BG1
RSENSE
3780 F10
SW2
LTC3780
FCB
SGND
VIN
VSEC
T1
1:N
VOUT
B
D
C
•
•
Figure 10. Secondary Output Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com