データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HSE-B20X データシート(PDF) 3 Page - CUI INC

部品番号 HSE-B20X
部品情報  HEAT SINK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

HSE-B20X データシート(HTML) 3 Page - CUI INC

  HSE-B20X Datasheet HTML 1Page - CUI INC HSE-B20X Datasheet HTML 2Page - CUI INC HSE-B20X Datasheet HTML 3Page - CUI INC HSE-B20X Datasheet HTML 4Page - CUI INC HSE-B20X Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: HSE-B20X │ DESCRIPTION: HEAT SINK
date 09/07/2017
│ page 3 of 5
PERFORMANCE CURVES (CONTINUED)
0
10
20
30
40
50
60
70
80
90
100
01
23
45
Dissipated Power (W)
67
89
10
Without Airflow
200 LFM
400 LFM
Heatsink Temperature Rise Above
Ambient (ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
11.17
4.85
3.17
2
21.14
10.05
6.33
3
30.25
14.84
9.65
4
39.30
19.90
13.13
5
46.48
25.12
16.36
6
54.89
29.54
19.59
7
62.00
34.62
22.84
8
69.07
39.48
26.34
9
76.23
44.22
29.71
10
83.48
49.11
33.00
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
HSE-B20500-040H
0
10
20
30
40
50
60
70
80
90
100
012
34
5
Dissipated Power (W)
67
89
10
Without Airflow
200 LFM
400 LFM
Heatsink Temperature Rise Above
Ambient (ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
11.54
3.73
2.31
2
20.64
7.85
5.18
3
29.05
11.97
8.07
4
36.88
15.99
10.94
5
44.10
20.26
13.85
6
51.10
24.12
16.67
7
58.10
28.27
19.57
8
64.79
32.25
22.39
9
71.36
36.28
25.03
10
77.70
40.39
28.03
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
HSE-B20630-040H
For more information, please visit the product page.



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com