| データシートサーチシステム |
|
56F8014 データシート(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8014 データシート(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 124 page ![]() 56F8014 Technical Data, Rev. 3 32 Freescale Semiconductor Preliminary 4.6 Peripheral Memory Mapped Registers On-chip peripheral registers are part of the data memory map on the 56800E series. These locations may be accessed with the same addressing modes used for ordinary Data memory, except all peripheral registers should be read/written using word accesses only. Table 4-6 summarizes base addresses for the set of peripherals on the 56F8014 device. Peripherals are listed in order of the base address. The following tables list all of the peripheral registers required to control or access the peripherals. Table 4-6 Data Memory Peripheral Base Address Map Summary Peripheral Prefix Base Address Table Number Timer TMRn X:$00 F000 4-7 PWM PWM X:$00 F040 4-8 ITCN ITCN X:$00 F060 4-9 ADC ADC X:$00 F080 4-10 SCI SCI X:$00 F0B0 4-11 SPI SPI X:$00 F0C0 4-12 I2C I2C X:$00 F0D0 4-13 COP COP X:$00 F0E0 4-14 CLK, PLL, OSC, TEST OCCS X:$00 F0F0 4-15 GPIO Port A GPIOA X:$00 F100 4-16 GPIO Port B GPIOB X:$00 F110 4-17 GPIO Port C GPIOC X:$00 F120 4-18 GPIO Port D GPIOD X:$00 F130 4-19 SIM SIM X:$00 F140 4-20 Power Supervisor PS X:$00 F160 4-21 FM FM X:$00 F400 4-22 Table 4-7 Quad Timer Registers Address Map (TMR_BASE = $00 F000) Register Acronym Address Offset Register Description TMR0_COMP1 $0 Compare Register 1 TMR0_COMP2 $1 Compare Register 2 TMR0_CAPT $2 Capture Register TMR0_LOAD $3 Load Register TMR0_HOLD $4 Hold Register TMR0_CNTR $5 Counter Register TMR0_CTRL $6 Control Register TMR0_SCTRL $7 Status and Control Register TMR0_CMPLD1 $8 Comparator Load Register 1 |